PART |
Description |
Maker |
MAX5253 MAX5253ACAP MAX5253ACPP MAX5253AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP20 3V / Quad / 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V Quad 12-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX530BCAGT MAX520ACWE MAX531ACSDT MAX5184ETG MAX5 |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC PARALLEL, WORD INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO24 Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs QUAD, SERIAL INPUT LOADING, 2 us SETTLING TIME, 8-BIT DAC, PDSO16 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs SERIAL INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO14 10-Bit, 40MHz, Current/Voltage-Output DACs PARALLEL, WORD INPUT LOADING, 0.025 us SETTLING TIME, 10-BIT DAC, QCC24 5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC PARALLEL, WORD INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDIP24 2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDIP8 8-Bit, 40MHz, Current/Voltage-Output DACs PARALLEL, 8 BITS INPUT LOADING, 0.025 us SETTLING TIME, 8-BIT DAC, PDSO24 Low-Power, Serial, 12-Bit DACs with Force-Sense Voltage-Output SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO16 Octal, Serial, 8-Bit DAC with Output Buffers OCTAL, SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO24 QUAD, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 Octal, 14-Bit, Voltage-Output DAC with Parallel Interface for ATE QUAD, PARALLEL, WORD INPUT LOADING, 12-BIT DAC, CDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX547AEQH-D MAX5443BCUA MAX5444BCUBT MAX5361PEUKT |
Octal, 13-Bit Voltage-Output DAC with Parallel Interface PARALLEL, WORD INPUT LOADING, 5 us SETTLING TIME, 13-BIT DAC, PQCC44 3V/ 5V, Serial-Input, Voltage-Output, 16-Bit DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO8 3V/ 5V, Serial-Input, Voltage-Output, 16-Bit DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO10 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Serial, CMOS, Multiplying, 12-Bit DAC in 8-Pin Package SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Maxim Integrated Products, Inc.
|
MAX532 MAX532ACPE MAX532ACWE MAX532AEPE MAX532AEWE |
Dual, Serial Input, Voltage-Output, Multiplying, 12-Bit DAC Dual, Serial-Input, Voltage-Output, 12-Bit MDAC Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC Dual / Serial-Input / Voltage-Output / 12-Bit MDAC Single Universal Serial Bus Port Transient Suppressor 6-SOT-23 -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD586 ADUM1410 ADR02 ADP2303 AD5735ACPZ AD5735ACPZ |
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
|
Analog Devices
|
WM2627IDT WM2627 WM2627CDT |
Quad 8-Bit Serial Input Voltage Output DAC
|
WOLFSON[Wolfson Microelectronics plc]
|
AD5665-RBRUZ-2 AD5665BCPZ-250RL7 AD5665BCPZ-REEL7 |
Quad, 12-/14-/16-Bit nanoDACs with 5ppm/∑C On-chip Ref, I2C Interface QUAD, SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO14 Quad, 12-/14-/16-Bit nanoDACs with 5ppm/°C On-chip Ref, I2C Interface
|
Analog Devices, Inc.
|
AD5757 |
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
|
Analog Devices
|
|